| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD7225 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD7225 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 50 page ![]() Data Sheet S14308EJ6V1DS 11 µµµµPD7225 Figure 2-2. 14-Segment LCD The 14-segment type LCD can be used only in the divide-by-4 time division mode. For the 14-segment LCD type, connect segments and commons as follows: SEGn + 3 SEGn + 2 SEGn + 1 SEGn COM3 COM2 COM1 COM0 ;;; ; ; ; ; ; ; ;; ;; ;; ;; ;;; ; ; ; ;; ;; ; ; ;; ;; ;; ;; ;; ; ; ; ; ; ; ;; a d b i h g f c n m l k j e DP SEGn SEGn + 1 SEGn + 2 SEGn + 3 COM0 COM1 COM2 COM3 : h, i, k, n : d, e, f : a, b, c, DP : g, j, l, m : a, g, h : b, i, j, f : c, e, k, l : d, m, n, DP The following shows the input data and display pattern, and the configuration of the display data which is automatically written into the data memory. For the 7-segment type, the lower 4 bits (D3 to D0) are decoded. For the 14-segment type, the input data and display pattern correspond to 8-bit ASCII code. The first address to which the display data is written is indicated as address N. |