| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
6465 bảng dữ liệu(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
6465 bảng dữ liệu(HTML) 20 Page - Renesas Technology Corp |
|
20 / 54 page ![]() µPD6464A,6465 18 • Horizontal display start position control bits The horizontal display start position can be set in 12-dot units and 32 steps, 16 clocks after the rising of the horizontal synchronization signal (Hsync) (16/fOSC (MHz)). • Vertical display start position control bits The vertical display start position can be set in 9-line units and 32 steps, from the rising of the vertical synchronization signal (Vsync). A B Display area (12 lines × 24 columns) Horizontal synchronization signal (Hsync) Vertical synchronization signal (Vsync) A: 9H (line) × (24V4 + 23V3 + 22V2 + 21V1 + 20V0) 12 16 B: × (24H4 + 23H3 + 22H2 + 21H1 + 20H0) + fOSC (MHz) fOSC (MHz) Remark fOSC: LC oscillation frequency (Dot Clock frequency) Hsync and Vsync, which serve as references, are as follows: Internal video signal mode : Hsync and Vsync are generated by internal circuit. External video signal mode : Hsync and Vsync are generated from composite synchronization signal, input to CSYN pin (pin 17), by sync. signal separation circuit. |