| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT18/HG bảng dữ liệu(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FT18/HG bảng dữ liệu(HTML) 6 Page - NXP Semiconductors |
|
6 / 16 page ![]() 2000 January 6 Philips Semiconductors Product specification Frame Transfer CCD Image Sensor FT 18 Timing diagrams (for default operation) Figure 3 - Line and pixel timing diagrams H L SSC H L H L H L C1 C2 C3 Tp/6 = (1/36MHz)/6 = 4.63ns H L RG Tp = 1/36MHz = 27.8ns In this figure, charge is transported to the left output buffer (normal readout) by moving it from C1 to C2 to C3 etc. By exchanging the timing of C1 and C2, charge will be transported to the right output buffer (mirrored readout). A1 A2 A3 A4 Phase or pixel count 1100 1110 1120 1130 1140 10 20 30 40 50 60 70 80 90 100 110 120 L H L H L H L H B2 B3 B4 B1 L H L H L H L H 19 64 28 37 46 55 32 62 26 44 38 56 20 50 SSC L H 72 1150 0 0 One cycle of the storage gates (during line blanking), moving one line from storage to output register C clocks stopped for 2 microseconds L H PB 0 L H BLC 0 79 79 L H CB 1131 99 1080 pixels until 1152 1/(36MHz) = 27.8ns One charge pumping cycle of the image gates (during line blanking), shifting the charge of one line back and forth Start-Stop C-clocks Pre-Blanking Black Level Clamp Composite Blanking L CR 19 64 Charge Reset H 1.25 microseconds AC Characteristics Min. Typical Max. Unit Horizontal frequency (1/Tp) Vertical frequency - - 36 750 40 833 MHz kHz Line Timing Pixel Timing |