công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPQ8626GD bảng dữ liệu(PDF) 17 Page - Monolithic Power Systems

tên linh kiện MPQ8626GD
Giải thích chi tiết về linh kiện  16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8626GD bảng dữ liệu(HTML) 17 Page - Monolithic Power Systems

Back Button MPQ8626GD Datasheet HTML 13Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 14Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 15Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 16Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 17Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 18Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 19Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 20Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
MPQ8626 – 16V, 6A, HIGH EFFICIENCY SYNC, STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8626 Rev. 1.1
www.MonolithicPower.com
17
8/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
The
MPQ8626
provides
accurate
EN
thresholds, so a resistor divider (R3/R4 in
Figure 2) from VIN to AGND can be used to
program
the
input
voltage
at
which
the
MPQ8626
is
enabled.
This
is
highly
recommended for applications where there is
no dedicated EN control logic signal to avoid
possible
under-voltage
lockout
(UVLO)
bouncing during power-up and power-down.
The resistor divider values can be determined
with Equation (7):
DOWN
DOWN
UP
EN
START
IN
R
R
R
VIH
V
V
+
=
)
(
_
(7)
Where VIHEN is 1.22V, typically.
RUP and RDOWN should be chosen so that VEN
does not exceed 3.6V when VIN reaches the
maximum value.
EN can also be connected to VIN directly
through a pull-up resistor (RUP). RUP should be
chosen so that the maximum current going to
EN is 50µA. RUP can be calculated with
Equation (8):
MAX
UP
VIN
(V)
R (k )
0.05(mA)
=
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com