công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC7447AMGH1333LB bảng dữ liệu(PDF) 23 Page - ATMEL Corporation

tên linh kiện PC7447AMGH1333LB
Giải thích chi tiết về linh kiện  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1333LB bảng dữ liệu(HTML) 23 Page - ATMEL Corporation

Back Button PC7447AMGH1333LB Datasheet HTML 19Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 20Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 21Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 22Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 23Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 24Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 25Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 26Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
23
5387B–HIREL–07/05
PC7447A [Preliminary]
Notes:
1. OV
DD supplies power to the processor bus, JTAG, and all control signals; VDD supplies power to the processor core and the
PLL (after filtering to become AVDD). To program the I/O voltage, connect BVSEL to either GND (selects 1.8V), or to
HRESET or OVDD (selects 2.5V); see Table 6-3 on page 11. If used, the pull-down resistor should be less than 250Ω.
Because these settings may change in future products, it is recommended BVSEL be configured using resistor options,
jumpers, or some other flexible means, with the capability to reconfigure the termination of this signal in the future if neces-
sary. For actual recommended value of VIN or supply voltages see Table 6-2 on page 10.
2. Unused address pins must be pulled down to GND and corresponding address parity pins pulled up to OV
DD.
3. These pins require weak pull-up resistors (for example, 4.7 K
Ω) to maintain the control signals in the negated state after they
have been actively negated and released by the PC7447A and other bus masters.
4. This signal selects between MPX bus mode (asserted) and 60x bus mode (negated) and will be sampled at HRESET going
high.
5. This signal must be negated during reset, by pull-up resistor to OV
DD or negation by ¬HRESET (inverse of HRESET), to
ensure proper operation.
6. Internal pull up on die.
7. Ignored in 60x bus mode.
8. These signals must be pulled down to GND if unused, or if the PC7447A is in 60x bus mode.
9. These input signals are for factory use only and must be pulled down to GND for normal machine operation.
10. This test signal is recommended to be tied to HRESET; however, other configurations will not adversely affect performance.
11. These signals are for factory use only and must be left unconnected for normal machine operation. Some pins that were
NCs on the PC7447, have now been defined for other purposes.
12. These input signals are for factory use only and must be pulled up to OV
DD for normal machine operation.
13. This pin can externally cause a performance monitor event. Counting of the event is enabled through software.
14. This signal must be asserted during reset, by pull down to GND or assertion by HRESET, to ensure proper operation.
15. These pins were NCs on the PC7447. They may be left unconnected for backward compatibility with these devices, but it is
recommended they be connected in new designs to facilitate future products. See section ”Connection Recommendations”
on page 37 for more information.
16. These pins were OV
DD pins on the PC7447. These pins are internally connected to OVDD and are intended to allow an exter-
nal device to detect the I/O voltage level present inside the device package. If unused, they must be connected directly to
OVDD or left unconnected.
17. These pins provide connectivity to the on-chip temperature diode that can be used to determine the die junction temperature
of the processor. These pins may be left unterminated if unused.
18. These pins are internally connected to VDD and are intended to allow an external device to detect the processor core voltage
level present inside the device package. If unused, they must be connected directly to V
DD or left unconnected.
19. These pins are internally connected to GND and are intended to allow an external device to detect the processor ground
voltage level present inside the device package. If unused, they must be connected directly to GND or left unconnected.
Note:
Caution must be exercised when performing boundary scan test operations on a board designed for a PC7447A but populated
with an PC7447.
TEST[0:3](12)
A12, B6, B10, E10
–
Input
BVSEL
TEST[4](9)
D10
–
Input
BVSEL
TMS(6)
F1
High
Input
BVSEL
TRST(6)(14)
A5
Low
Input
BVSEL
TS(3)
L4
Low
I/O
BVSEL
TSIZ[0:2]
G6, F7, E7
High
Output
BVSEL
TT[0:4]
E5, E6, F6, E9, C5
High
I/O
BVSEL
WT(3)
D3
Low
Output
BVSEL
VDD
H8, H10, H12, J7, J9, J11, J13, K8, K10, K12, K14, L7, L9, L11, L13,
M8, M10, M12
––
N/A
V
DD
(15)
A13, A16, A18, B17, B19, C13, E13, E16, F12, F17, F19, G11, G16,
H14, H17, H19, M14, M16, M18, N15, N17, P16, P18
––
N/A
V
DD_SENSE
(18)
G13, N12
–
–
N/A
Table 8-1.
Pinout Listing for the PC7447A, 360 HITCE Package (Continued)
Signal Name
Pin Number
Active
I/O
I/F Select(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com