công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC7447AVGH1333LB bảng dữ liệu(PDF) 13 Page - ATMEL Corporation

tên linh kiện PC7447AVGH1333LB
Giải thích chi tiết về linh kiện  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AVGH1333LB bảng dữ liệu(HTML) 13 Page - ATMEL Corporation

Back Button PC7447AVGH1333LB Datasheet HTML 9Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 10Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 11Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 12Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 13Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 14Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 15Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 16Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
5387B–HIREL–07/05
PC7447A [Preliminary]
Figure 6-3.
Package Exploded Cross-sectional View with Several Heat Sink Options
6.4.4
Thermal Interface Materials
A thermal interface material is recommended at the package lid-to-heat sink interface to mini-
mize the thermal contact resistance. For those applications where the heat sink is attached by
spring clip mechanism, Figure 6-4 on page 14 shows the thermal performance of three thin-
sheet thermal-interface materials (silicone, graphite/oil, floroether oil), a bare joint, and a joint
with thermal grease as a function of contact pressure.
As shown, the performance of these thermal interface materials improves with increasing con-
tact pressure.
The use of thermal grease significantly reduces the interface thermal resistance. That is, the
bare joint results in a thermal resistance approximately seven times greater than the thermal
grease joint.
Often, heat sinks are attached to the package by means of a spring clip to holes in the printed-
circuit board (see Figure 6-3 on page 13). Therefore, synthetic grease offers the best thermal
performance, considering the low interface pressure, and is recommended due to the high
power dissipation of the PC7447A. Of course, the selection of any thermal interface material
depends on many factors – thermal performance requirements, manufacturability, service tem-
perature, dielectric properties, cost, and so on.
Printed-Circuit Board
Thermal Interface
Material
Heat Sink
Clip
Heat Sink
HCTE Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com