công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5DS64M4AT bảng dữ liệu(PDF) 37 Page - List of Unclassifed Manufacturers

tên linh kiện NT5DS64M4AT
Giải thích chi tiết về linh kiện  256Mb Double Data Rate SDRAM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

NT5DS64M4AT bảng dữ liệu(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button NT5DS64M4AT Datasheet HTML 33Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 34Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 35Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 36Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 37Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 38Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 39Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 40Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb Double Data Rate SDRAM
REV 1.1
12/2001
37
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Write to Read: Interrupting (CAS Latency = 2; Burst Length = 8)
T1
T2
T3
T4
T5
T6
tDQSS (max)
Maximum DQSS
NOP
NOP
NOP
Read
Write
NOP
DI a-b = data in for bank a, column b.
An interrupted burst is shown, 4 data elements are written.
3 subsequent elements of data in are applied in the programmed order following DI a-b.
tWTR is referenced from the first positive CK edge after the last data in pair.
The Read command masks the last 2 data elements in the burst.
A10 is Low with the Write command (Auto Precharge is disabled).
The Read and Write commands are not necessarily to the same bank.
DIa- b
CK
CK
Command
Address
DQS
DQ
DM
Don’t Care
BAa, COL b
BAa, COL n
tWTR
CL = 2
T1
T2
T3
T4
T5
T6
Minimum DQSS
NOP
NOP
NOP
Read
Write
NOP
CK
CK
Command
Address
BAa, COL b
BAa, COL n
tWTR
DI a-b
DQS
DQ
DM
CL = 2
tDQSS (min)
1 = These bits are incorrectly written into the memory array if DM is low.
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78