công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

115H bảng dữ liệu(PDF) 2 Page - ATTEND Technology Inc.

tên linh kiện 115H
Giải thích chi tiết về linh kiện  This specification covers the requirements for product performance, test methods and quality assurance provisions of 115H-BA00.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATTEND [ATTEND Technology Inc.]
Trang chủ  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115H bảng dữ liệu(HTML) 2 Page - ATTEND Technology Inc.

  115H Datasheet HTML 1Page - ATTEND Technology Inc. 115H Datasheet HTML 2Page - ATTEND Technology Inc. 115H Datasheet HTML 3Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SERIES:
115H-BA00 Series
FILE:
115H-BA00_spec
SPECIFICATION AND PERFORMANCE
DATE:
2013/08/05
Page 2 of 3
ELECTRICAL
Item
Requirement
Test Condition
Contact Resistance
30 m Ohm
Max(Initial)
60 m Ohm Max
(Final)
Subject mated contacts assembled in housing
to 20mV Max open circuit at 100mA Max.
EIA-364-6B.
Insulation Resistance 500 M Ohm Min.
Impressed voltage 500 VDC.
Test between adjacent circuits of unmated
connector. EIA-364-21C.
Dielectric
withstanding
Voltage
No creeping
discharge or
flashover shall occur.
Current leakage:
1.0 mA Max
500VAC for 1minute
Test between adjacent circuits of unmated
connector. EIA-364-20B
MECHANICAL
Item
Requirement
Test Condition
Durability
5000Cycle
Operation Speed:100 cycle/min.
Durability Cycles:5,000 Cycles
EIA-364-9C
Contact Retention
Force
200 gf/ Per Pin Min. Measure the contact retention force with
Tensile strength tester.



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com