| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD78P018F bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD78P018F bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp |
|
14 / 78 page ![]() 12 µPD78P018F CONTENTS 1. DIFFERENCES BETWEEN µPD78P018F AND MASK ROM VERSIONS ................................... 13 2. PIN FUNCTIONS .............................................................................................................................. 14 2.1 Pins During Normal Operating Mode ................................................................................................... 14 2.2 Pins During PROM Programming Mode .............................................................................................. 16 2.3 Pin I/O Circuits and Recommended Connection of Unused Pins ................................................... 17 3. INTERNAL MEMORY SIZE SWITCHING REGISTER (IMS) ......................................................... 19 4. INTERNAL EXPANSION RAM SIZE SWITCHING REGISTER (IXS) ........................................... 20 5. PROM PROGRAMMING .................................................................................................................. 21 5.1 Operating Modes ..................................................................................................................................... 21 5.2 PROM Write Procedure .......................................................................................................................... 23 5.3 PROM Read Procedure .......................................................................................................................... 27 6. PROGRAM ERASURE (FOR µPD78P018FDW, 78P018FKK-S) .................................................. 28 7. OPAQUE FILM ON ERASURE WINDOW (FOR µPD78P018FDW, 78P018FKK-S) ................... 28 8. ONE-TIME PROM VERSION SCREENING .................................................................................... 28 9. ELECTRICAL SPECIFICATIONS .................................................................................................... 29 10. CHARACTERISTIC CURVE (REFERENCE VALUE) .................................................................... 58 11. PACKAGE DRAWINGS ................................................................................................................... 59 12. RECOMMENDED SOLDERING CONDITIONS .............................................................................. 64 APPENDIX A. DEVELOPMENT TOOLS .............................................................................................. 65 APPENDIX B. RELATED DOCUMENTS .............................................................................................. 71 |