công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD75P4308 bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp

tên linh kiện UPD75P4308
Giải thích chi tiết về linh kiện  MOS INTEGRATED CIRCUIT
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P4308 bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp

Back Button UPD75P4308 Datasheet HTML 4Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 5Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 6Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 7Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 8Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 9Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 10Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 11Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
µPD75P4308
6
Data Sheet U10909EJ2V1DS
3.
PIN FUNCTIONS
3.1 Port Pins (1/2)
Pin name
I/O
Alternate
Function
8-bit
After
I/O Circuit
function
I/O
reset
typeNote 1
P00
Input
INT4
No
Input
<B>
P01
I/O
SCK
<F>-A
P02
I/O
SO/SB0
<F>-B
P03
Input
SI
<B>-C
P10
Input
INT0
No
Input
<B>-C
P11
INT1
P12
INT2
P13
TI0/TI1
P20
I/O
PTO0
No
Input
E-B
P21
PTO1
P22
PCL
P23
—
P30
I/O
MD0
No
Input
E-B
P31
MD1
P32
MD2
P33
MD3
P50Note 2
I/O
D4
No
High-
M-E
P51Note 2
D5
impedance
P52Note 2
D6
P53Note 2
D7
Notes 1. Circuit types in brackets indicate Schmitt trigger input.
2. Low-level input leakage current increases when input instructions or bit manipulation instructions are
executed.
4-bit I/O port (PORT2).
Connections of on-chip pull-up resistors are
software-specifiable in 4-bit units.
4-bit input port (PORT1).
Connections of on-chip pull-up resistors are
software-specifiable in 4-bit units.
Noise elimination circuit can be selected
only for P10/INT0.
N-ch open-drain 4-bit input/output port
(PORT5).
13-V withstand during open-drain.
Data input/output pin for program memory
(PROM) write/verify (upper 4 bits).
Programmable 4-bit I/O port (PORT3).
Input and output can be specified in single-
bit units.
Connections of on-chip pull-up resistors are
software-specifiable in 4-bit units.
4-bit input port (PORT0).
For P01 to P03, connections of on-chip pull-
up resistors are software-specificable in 3-
bit units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com