1 / 2 page

General Description
The IP00C711 (SCREEN3) is a highly integrated device for real-time color image scaling and
frame rate conversion up to SXGA resolution. The IP00C711 supports all the critical functions
required in any display control logic: image scaling, frame rate conversion and de-interlacing.
Ideally suited for driving LCD displays, video walls and projectors, the IP00C711 uses a
proprietary pixel interpolation technique for producing images of the highest quality.
The IP00C711 can be used in a wide variety of applications, thanks to its very flexible architecture that
supports both standard and custom image formats. For processing video signals, the IP00C711
interfaces directly to any video decoder chip and achieves de-interlacing by line interpolation or field
merging. With independent clock and synchronization signals for the input and output ports, the
IP00C711 can perform image scaling even when the input and output images have different frame rates.
Applications
• Flat-Panel Displays
• Projection Systems
• Video Walls
• LCD/TV Monitors
• Plasma Displays
Support Tools
• IP00C711 Data Sheet and Application Notes
• EVB711AD Evaluation Board
• Example register settings for typical operating modes
• Technical Support by highly qualified engineers