| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD75P0076CU bảng dữ liệu(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD75P0076CU bảng dữ liệu(HTML) 30 Page - Renesas Technology Corp |
|
30 / 64 page ![]() µPD75P0076 28 Data Sheet U10232EJ1V1DS Group Mnemonic Operand No. of Machine Operation Addressing Skip bytes cycle area condition Subroutine PUSH rp 1 1 (SP – 1)(SP – 2) ← rp, SP ← SP – 2 stack control BS 2 2 (SP – 1) ← MBS, (SP – 2) ← RBS, SP ← SP – 2 POP rp 1 1 rp ← (SP + 1)(SP), SP ← SP + 2 BS 2 2 MBS ← (SP + 1), RBS ← (SP), SP ← SP + 2 Interrupt EI 2 2 IME(IPS.3) ← 1 control IEXXX 2 2 IEXXX ← 1 DI 2 2 IME(IPS.3) ← 0 IEXXX 2 2 IEXXX ← 0 I/O INNote 1 A, PORTn 2 2 A ← PORTn (n = 0 to 6, 11) XA, PORTn 2 2 XA ← PORTn + 1, PORTn (n = 4) OUTNote 1 PORTn, A 2 2 PORTn ← A (n = 2 to 6) PORTn, XA 2 2 PORTn + 1, PORTn ← XA (n = 4) CPU control HALT 2 2 Set HALT Mode (PCC.2 ← 1) STOP 2 2 Set STOP Mode (PCC.3 ← 1) NOP 1 1 No Operation Special SEL RBn 2 2 RBS ← n (n = 0 to 3) MBn 2 2 MBS ← n (n = 0, 1, 15) GETINote 2, 3 taddr 1 3 • When using TBR instruction *10 PC13-0 ← (taddr)5-0 + (taddr + 1) • When using TCALL instruction (SP – 4)(SP – 1)(SP – 2) ← PC11-0 (SP – 3) ← MBE, RBE, PC13, 12 PC13-0 ← (taddr)5-0 + (taddr + 1) SP ← SP – 4 • When using instruction other than Determined by TBR or TCALL referenced Execute (taddr)(taddr + 1) instructions instruction 13 • When using TBR instruction *10 PC13-0 ← (taddr)5-0 + (taddr + 1) 4• When using TCALL instruction (SP – 6)(SP – 3)(SP – 4) ← PC11-0 (SP – 5) ← 0, 0, PC13, 12 (SP – 2) ← X, X, MBE, RBE PC13-0 ← (taddr)5-0 + (taddr + 1) SP ← SP – 6 3• When using instruction other than Determined by TBR or TCALL referenced Execute (taddr)(taddr + 1) instructions instruction Notes 1. Before executing the IN or OUT instruction, set MBE to 0 or 1 and set MBS to 15. 2. TBR and TCALL instructions are assembler pseudo-instructions for the GETI instruction’s table definitions. 3. Double box indicates support for the Mk II mode only. Other areas indicate support for the Mk I mode only. - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - |