công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NX7002AK bảng dữ liệu(PDF) 4 Page - Nexperia B.V. All rights reserved

tên linh kiện NX7002AK
Giải thích chi tiết về linh kiện  60 V, single N-channel Trench MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NX7002AK bảng dữ liệu(HTML) 4 Page - Nexperia B.V. All rights reserved

  NX7002AK Datasheet HTML 1Page - Nexperia B.V. All rights reserved NX7002AK Datasheet HTML 2Page - Nexperia B.V. All rights reserved NX7002AK Datasheet HTML 3Page - Nexperia B.V. All rights reserved NX7002AK Datasheet HTML 4Page - Nexperia B.V. All rights reserved NX7002AK Datasheet HTML 5Page - Nexperia B.V. All rights reserved NX7002AK Datasheet HTML 6Page - Nexperia B.V. All rights reserved NX7002AK Datasheet HTML 7Page - Nexperia B.V. All rights reserved NX7002AK Datasheet HTML 8Page - Nexperia B.V. All rights reserved NX7002AK Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
NX7002AK
60 V, single N-channel Trench MOSFET
NX7002AK
All information provided in this document is subject to legal disclaimers.
Product data sheet
6 August 2015
4 / 16
017aaa466
VDS (V)
10-1
102
10
1
10-1
10-2
1
ID
(A)
10-3
Limit RDSon = VDS/ID
(1)
(2)
(3)
(4)
(5)
(6)
IDM = single pulse
(1) tp = 100 µs
(2) tp = 1 ms
(3) tp = 10 ms
(4) DC; Tsp = 25 °C
(5) tp = 100 ms
(6) DC; Tamb = 25 °C; drain mounting pad 1 cm2
Fig. 3. Safe operating area; junction to ambient; continuous and peak drain currents as a function of drain-
source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
410
470
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[2]
-
330
380
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
-
-
95
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 1 cm2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com