công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMBZ33VCL bảng dữ liệu(PDF) 4 Page - Nexperia B.V. All rights reserved

tên linh kiện MMBZ33VCL
Giải thích chi tiết về linh kiện  Double ESD protection diode for transient overvoltage suppression
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZ33VCL bảng dữ liệu(HTML) 4 Page - Nexperia B.V. All rights reserved

  MMBZ33VCL Datasheet HTML 1Page - Nexperia B.V. All rights reserved MMBZ33VCL Datasheet HTML 2Page - Nexperia B.V. All rights reserved MMBZ33VCL Datasheet HTML 3Page - Nexperia B.V. All rights reserved MMBZ33VCL Datasheet HTML 4Page - Nexperia B.V. All rights reserved MMBZ33VCL Datasheet HTML 5Page - Nexperia B.V. All rights reserved MMBZ33VCL Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBZ33VCL Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBZ33VCL Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBZ33VCL Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Nexperia
MMBZ33VCL
Double ESD protection diode for transient overvoltage suppression
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
-
350
K/W
Rth(j-a)
thermal resistance from
junction to ambient
[2]
-
-
280
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[3]
-
-
60
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[3] Soldering point at pin 3.
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 10 mA; Tamb = 25 °C
-
-
0.9
V
VRWM
reverse standoff
voltage
Tamb = 25 °C
-
-
26
V
VBR
breakdown voltage
IR = 1 mA; Tamb = 25 °C
31.35 33
34.65 V
IRM
reverse leakage current VRWM = 26 V; Tamb = 25 °C
-
0.1
5
nA
Cd
diode capacitance
f = 1 MHz; VR = 0 V; Tamb = 25 °C
-
45
55
pF
VCL
clamping voltage
IPPM = 0.87 A; tp = 10/1000 µs;
Tamb = 25 °C
[1] [2] -
-
46
V
SZ
temperature coefficient IZ = 1 mA
-
29.4
-
mV/K
[1] In accordance with IEC 61643-321 (10/1000 µs current waveform).
[2] Measured from pin 1 or 2 to pin 3.
Tj (°C)
0
200
150
50
100
006aab321
0.4
0.8
1.2
PPPM
0
PPPM(25°C)
Fig. 3. Relative variation of rated peak pulse power
as a function of junction temperature; typical
values
006aab324
- VCL - VBR - VRWM
- IRM
- IR
- IPP
V
I
P-N
-
+
- IPPM
Fig. 4. V-I characteristics for a unidirectional ESD
protection diode
MMBZ33VCL
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Product data sheet
17 August 2023
4 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com