| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI7C8150AMAE bảng dữ liệu(PDF) 9 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C8150AMAE bảng dữ liệu(HTML) 9 Page - Pericom Semiconductor Corporation |
|
9 / 111 page ![]() PI7C8150A 2-PORT PCI-TO-PCI BRIDGE Page 9 of 111 APRIL 2006 – Revision 1.1 18 PACKAGE INFORMATION............................................................................ 109 18.1 208-PIN FQFP PACKAGE DIAGRAM ................................................................................ 109 18.2 256-BALL PBGA PACKAGE DIAGRAM ........................................................................... 110 18.3 PART NUMBER ORDERING INFORMATION.................................................................. 110 LIST OF TABLES TABLE 2-1. PIN LIST – 208-PIN FQFP .......................................................................................................... 18 TABLE 2-2. PIN LIST – 256-PIN PBGA ......................................................................................................... 20 TABLE 3-1. PCI TRANSACTIONS ................................................................................................................... 22 TABLE 3-2. WRITE TRANSACTION FORWARDING......................................................................................... 23 TABLE 3-3. WRITE TRANSACTION DISCONNECT ADDRESS BOUNDARIES .................................................... 26 TABLE 3-4. READ PREFETCH ADDRESS BOUNDARIES .................................................................................. 28 TABLE 3-5. READ TRANSACTION PREFETCHING .......................................................................................... 28 TABLE 3-6. DEVICE NUMBER TO IDSEL S_AD PIN MAPPING..................................................................... 32 TABLE 3-7. DELAYED WRITE TARGET TERMINATION RESPONSE................................................................. 37 TABLE 3-8. RESPONSE TO POSTED WRITE TARGET TERMINATION............................................................... 38 TABLE 3-9. RESPONSE TO DELAYED READ TARGET TERMINATION ............................................................. 38 TABLE 5-1. SUMMARY OF TRANSACTION ORDERING ................................................................................... 50 TABLE 6-1. SETTING THE PRIMARY INTERFACE DETECTED PARITY ERROR BIT .......................................... 58 TABLE 6-2. SETTING SECONDARY INTERFACE DETECTED PARITY ERROR BIT ............................................ 59 TABLE 6-3. SETTING PRIMARY INTERFACE MASTER DATA PARITY ERROR DETECTED BIT......................... 59 TABLE 6-4. SETTING SECONDARY INTERFACE MASTER DATA PARITY ERROR DETECTED BIT.................... 60 TABLE 6-5. ASSERTION OF P_PERR_L........................................................................................................ 60 TABLE 6-6. ASSERTION OF S_PERR_L........................................................................................................ 61 TABLE 6-7. ASSERTION OF P_SERR_L FOR DATA PARITY ERRORS ............................................................ 61 TABLE 10-1. GPIO OPERATION ................................................................................................................... 71 TABLE 10-2. GPIO SERIAL DATA FORMAT.................................................................................................. 71 TABLE 11-1. POWER MANAGEMENT TRANSITIONS ...................................................................................... 73 TABLE 16-1. TAP PINS .............................................................................................................................. 101 TABLE 16-2. JTAG BOUNDARY REGISTER ORDER .................................................................................... 103 LIST OF FIGURES FIGURE 8-1 SECONDARY ARBITER EXAMPLE............................................................................................ 67 FIGURE 16-1 TEST ACCESS PORT BLOCK DIAGRAM ............................................................................... 100 FIGURE 17-1 PCI SIGNAL TIMING MEASUREMENT CONDITIONS ............................................................ 107 FIGURE 18-1 208-PIN FQFP PACKAGE OUTLINE..................................................................................... 109 FIGURE 18-2 256-PIN PBGA PACKAGE OUTLINE.................................................................................... 110 06-0057 |