công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT24CS32-SSHM-T bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện AT24CS32-SSHM-T
Giải thích chi tiết về linh kiện  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32-SSHM-T bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button AT24CS32-SSHM-T Datasheet HTML 6Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 7Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 8Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 9Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 10Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 11Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 12Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 13Page - Microchip Technology AT24CS32-SSHM-T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
...........continued
Parameter
Symbol
Minimum
Typical(1)
Maximum
Units
Test Conditions
Output Low Level
VOL1
—
—
0.2
V
VCC = 1.7V,
IOL = 0.15 mA
Output Low Level
VOL2
—
—
0.4
V
VCC = 3.0V,
IOL = 2.1 mA
Note: 
1.
Typical values characterized at TA = +25°C unless otherwise noted.
2.
This parameter is characterized but is not 100% tested in production.
4.4
AC Characteristics
Table 4-3. AC Characteristics(1)
Parameter
Symbol
Fast Mode
Fast Mode Plus
Units
Vcc = 1.7V to 2.5V
Vcc = 2.5V to 5.5V
Min.
Max.
Min.
Max.
Clock Frequency, SCL
fSCL
—
400
—
1000
kHz
Clock Pulse Width Low
tLOW
1200
—
500
—
ns
Clock Pulse Width High
tHIGH
600
—
400
—
ns
Input Filter Spike Suppression
tI
—
100
—
50
ns
Clock Low to Data Out Valid
tAA
100
900
50
450
ns
Bus Free Time between Stop and Start
tBUF
1300
—
500
—
ns
Start Hold Time
tHD.STA
600
—
250
—
ns
Start Set‑Up Time
tSU.STA
600
—
250
—
ns
Data In Hold Time
tHD.DAT
0
—
0
—
ns
Data In Set‑Up Time
tSU.DAT
100
—
100
—
ns
Inputs Rise Time(2)
tR
—
300
—
300
ns
Inputs Fall Time(2)
tF
—
300
—
100
ns
Stop Set-Up Time
tSU.STO
600
—
250
—
ns
Data Out Hold Time
tDH
50
—
50
—
ns
Write Cycle Time
tWR
—
5
—
5
ms
Note: 
1.
AC measurement conditions:
– CL: 100 pF
– RPUP (SDA bus line pull-up resistor to VCC): 1.3 kΩ (1000 kHz), 4 kΩ (400 kHz), 10 kΩ (100 kHz)
– Input rise and fall times: ≤ 50 ns
– Input and output timing reference voltages: 0.5 x VCC
2.
This parameter is characterized but is not 100% tested in production.
AT24CS32
Electrical Characteristics
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com