| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV-6410-R01 bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV-6410-R01 bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 105 page ![]() CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000 VV5410 & VV6410 Commercial in confidence 31/105 cd5410-6410f-3-0.fm 8.3 Video timing reference and status/configuration data Each frame of video sequence comprises 2 fields. Each field of data is constructed of the following sequence of data lines. Figure 13 : Embedded Control Sequence Command (Line Code) Supplementary Data (i) Line Number (L11 MSB) output in SAV or (ii) Pixel average output in EAV (4-wire used as example, P7 MSB) Odd word parity 0 1 2 3 4 5 6 7 Bit Nibble D0 = FH Nibble D1 = FH P6 P7 P5 P4 L11 0 L10 L9 L7 L8 L6 P P2 P3 P1 P0 1 1 1 1 1 1 1 1 Nibble D2 Nibble D3 0 1 2 3 4 5 6 7 Bit L5 0 L4 L3 L1 L2 L0 P Nibble D0 Nibble D1 0 1 2 3 4 5 6 7 Bit C2 1 C1 C0 P2 P3 P1 P0 Nibble YH Nibble XH 4-wire output mode 8-bit Data Escape/Sync Sequence D0 D1 D2 D3 YH XH 0H 0H FH FH FH FH FFH FFH 00H XYH D3D2 D1D0 5-wire output mode 00H 00H 1FH 1FH 1FH 1FH Nibble D3 Nibble D2 |