| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV0657 bảng dữ liệu(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV0657 bảng dữ liệu(HTML) 85 Page - STMicroelectronics |
|
85 / 105 page ![]() CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000 VV5410 & VV6410 Commercial in confidence 85/105 cd5410-6410f-3-0.fm 9.7 Serial Interface Timing Parameter Symbol Min. Max. Unit SCL clock frequency fscl 0 100 kHz Bus free time between a stop and a start tbuf 2 - us Hold time for a repeated start thd;sta 80 - ns LOW period of SCL tlow 320 - ns HIGH period of SCL thigh 160 - ns Set-up time for a repeated start tsu;sta 80 - ns Data hold time thd;dat 0 - ns Data Set-up time tsu;dat 0 - ns Rise time of SCL, SDA tr - 300 ns Fall time of SCL, SDA tf - 300 ns Set-up time for a stop tsu;sto 80 - ns Capacitive load of each bus line (SCL, SDA) Cb - 200 pF Table 58 : Serial Interface Timing Characteristics SDA SCL thd;sta tr thigh tf tsu;dat thd;dat tsu;sta tsu;sto ... ... thd;sta tlow tbuf stop start stop start Figure 45 : Serial Interface Timing Characteristics |