| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD70F3003A bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD70F3003A bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 49 page ![]() µPD70F3003A, 70F3025A, 70F3003A(A) 11 Data Sheet U13189EJ5V1DS 2.3 Pin I/O Circuits and Recommended Connection of Unused Pins Table 2-1 shows the I/O circuit type of each pin, and the recommended connections of the unused pins. Figure 2-1 shows a partially simplified diagram of each circuit. It is recommended that 1 to 10 k Ω resistors be used when connecting to VDD or VSS via a resistor. Table 2-1. Types of Pin I/O Circuits and Recommended Connections of Unused Pins (1/2) Pin Name I/O Circuit Type Recommended Connection of Unused Pins P00/TO110, P01/TO111 5 Input: Independently connect to VDD or VSS via a resistor. P02/TCLR11, P03/TI11, 8 Output: Leave open. P04/INTP110 to P07/INTP113/ADTRG P10 to TO120, P11/TO121 5 P12/TCLR12, P13/TI12 8 P14/INTP120 P15/INTP121/SO2 P16/INTP122/SI2 P17/INTP123/SCK2 P20/PWM0, P21/PWM1 5 P22/TXD0/SO0 P23/RXD0/SI0, P24/SCK0 8 P25/TXD1/SO1 5 P26/RXD1/SI1, P27/SCK1 8 P30/TO130, P31/TO131 5 P32/TCLR13, P33/TI13 8 P34/INTP130 P35/INTP131/SO3 10-A P36/INTP132/SI3 P37/INTP133/SCK3 P40/AD0 to P47/AD7 5 P50/AD8 to P57/AD15 P60/A16 to P63/A19 P70/ANI0 to P77/ANI7 9 Directly connect to VSS. P90/LBEN 5 Input: Independently connect to VDD or VSS via a resistor. P91/UBEN Output: Leave open. P92/R/W P93/DSTB P94/ASTB P95/HLDAK P96/HLDRQ P110/TO140, P111/TO141 P112/TCLR14, P113/TI14 8 P114/INTP140 to P117/INTP143 |