| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5016-SD16 bảng dữ liệu(PDF) 4 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5016-SD16 bảng dữ liệu(HTML) 4 Page - Cirrus Logic |
|
4 / 46 page ![]() CS5014 ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V; VA-, VD- = -5V; VREF = 4.5V; CLKIN = 4 MHz for -14, 2 MHz for -28; Analog Source Impedance = 200 Ω) CS5014-K CS5014-B CS5014-S, T Parameter* Min Typ Max Min Typ Max Min Typ Max Units Specified Temperature Range 0 to +70 -40 to +85 -55 to +125 °C Accuracy Linearity Error K, B, T (Note 1) S Drift (Note 2) ±1/4 ±1/8 ±1/2 ±1/4 ±1/8 ±1/2 ±1/4 ±1/2 ±1/8 ±1/2 ±1.5 LSB14 LSB14 ∆LSB14 Differential Linearity (Note 1) Drift (Note 2) ±1/4 ±1/32 ±1/2 ±1/4 ±1/32 ±1/2 ±1/4 ±1/32 ±1/2 LSB14 ∆LSB14 Full Scale Error (Note 1) Drift (Note 2) ±1/2 ±1/4 ±1 ±1/2 ±1/4 ±1 ±1/2 ±1/2 ±1 LSB14 ∆LSB14 Unipolar Offset K, B, T (Note 1) S Drift (Note 2) ±1/4 ±1/4 ±3/4 ±1/4 ±1/4 ±3/4 ±1/4 ±1/2 ±3/4 ±1 LSB14 LSB14 ∆LSB14 Bipolar Offset K, B, T (Note 1) S Drift (Note 2) ±1/4 ±1/4 ±3/4 ±1/4 ±1/2 ±3/4 ±1/4 ±1/2 ±3/4 ±1 LSB14 LSB14 ∆LSB14 Bipolar Negative Full-Scale Error(Note 1) K, B, T S Drift (Note 2) ±1/2 ±1/4 ±1 ±1/2 ±1/4 ±1 ±1/2 ±1/2 ±1 ±1.5 LSB14 LSB14 ∆LSB14 Total Unadjusted Error (Note 1) Drift (Note 2) ±1 ±1/2 ±1 ±1 ±1 ±1 LSB14 ∆LSB14 Dynamic Performance (Bipolar Mode) Peak Harmonic or (Note 1) Spurious Noise Full Scale, 1 kHz Input K, B, T S Full Scale, 12 kHz Input K, B, T S 94 84 98 87 94 84 98 87 94 85 84 80 98 87 dB dB dB dB Total Harmonic Distortion 0.003 0.003 0.003 % Signal-to-Noise Ratio (Notes 1 and 9) 1 kHz, 0 dB Input K, B, T S 1 kHz, -60 dB Input 82 84 23 82 84 23 82 80 84 23 dB dB dB Noise (Note 3) Unipolar Mode Bipolar Mode 45 90 45 90 45 90 µVrms µVrms Notes: 9. A detailed plot of S/(N+D) vs. input amplitude appears in Figure 26 for the CS5014 and Figure 28 for the CS5016. * Refer to Parameter Definitions (immediately following the pin descriptions at the end of this data sheet). Specifications are subject to change without notice. CS5014 2-10 DS14F6 |