công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90SP0801-01SC bảng dữ liệu(PDF) 3 Page - ATMEL Corporation

tên linh kiện AT90SP0801-01SC
Giải thích chi tiết về linh kiện  Secure Signature Generation Chip
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SP0801-01SC bảng dữ liệu(HTML) 3 Page - ATMEL Corporation

  AT90SP0801-01SC Datasheet HTML 1Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 2Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 3Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 4Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 5Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 6Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 7Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 8Page - ATMEL Corporation AT90SP0801-01SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
AT90SP0801
1495AS–01/02
Serial Interface
Data is transferred to or from the I/O buffer on the chip using the SMBus interface, in a
manner similar but not identical to that of standard two-wire serial EEPROMs.
All bits are sent to or read from the chip most significant bit first, in a manner consistent
with standard serial EEPROMs. Bit fields listed in this document are correspondingly
listed with the MSB on the left and the LSB on the right. Hex numbers are specified with
the “0x” prefix.
Multi-byte information sent to the chip is sent most significant byte first, following typical
conventions. Within the chip, the first byte sent to the chip is stored in memory at the
lowest address, and the address is incremented for subsequent bytes. When a mes-
sage digest (hash) is sent to the chip, the first byte of the hash value is the first byte to
be sent to the chip.
In both the text and graphics, the chip is the slave and the system is the master. The fol-
lowing abbreviations apply:
For the graphical representations, the direction of the data flow is indicated as below:
SMBus Standard Usage
Data transfer to and from the chip follows the SMBus V1.1 standard, using only some of
the command protocols.
The “write” command of this chip uses the “Block Write” protocol of the SMBus spec.
Note that in this chip the count value can exceed 32. This chip does not support the
“Write Byte” and “Write Word” protocols of the SMBus spec.
The “Read” command of this chip uses the “Block Read” protocol of the SMBus spec.
Note that in this chip the “Read” command can be optionally executed without the pre-
ceding partial block write command. This chip does not support the “Receive Byte”,
“Read Byte” and “Read Word” protocols of the SMBus spec.
All other commands of this chip use the “Send Byte” protocol of the SMBus spec. Note
that the “Quick Command” and “Process Call” protocols of the SMBus spec are not sup-
ported by this chip.
Two-wire Serial EEPROM
Comparison
Some of the differences between this chip and a standard two-wire serial EEPROM are:
1.
The slave address of this chip is different from the A0-AF (hex) standard for
EEPROMs.
2.
The maximum clock rate is 100 kHz and Tdh is 300 ns. These specs are part of
SMbus.
3.
The supply voltage is 3.0V to 3.7V.
4.
The read address is not specified in the aborted read command.
5.
Multi-byte reads and writes are preceded by the number of bytes that will be
transferred.
A
Acknowledge (bus pulled low, master or slave)
N
Not Acknowledge (bus left high, master or slave)
S
Start (High-to-low on SDA with SCL high, master)
P
Stop (Low-to-high on SDA with SCL high, master)
Slave to Master
(Chip to System)
Master to Slave
(System to Chip)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com