| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP65R46T bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP65R46T bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 36 page ![]() 2010-2020 Microchip Technology Inc. DS20002269C-page 23 MCP65R41/6 4.3.1 NONINVERTING CIRCUIT Figure 4-4 shows a noninverting circuit for single- supply applications using just two resistors. The resulting hysteresis diagram is shown in Figure 4-5. FIGURE 4-4: Noninverting Circuit with Hysteresis for Single-Supply. FIGURE 4-5: Hysteresis Diagram for the Noninverting Circuit. The trip points for Figures 4-4 and 4-5 are: EXAMPLE 4-1: 4.3.2 INVERTING CIRCUIT Figure 4-6 shows an inverting circuit for single-supply using three resistors. The resulting hysteresis diagram is shown in Figure 4-7. FIGURE 4-6: Inverting Circuit with Hysteresis. FIGURE 4-7: Hysteresis Diagram for the Inverting Circuit. VREF VIN VOUT VDD R1 RF + - VPU RPU* VREF * Pull-up resistor required for the MCP65R46 only. VOUT High-to-Low Low-to-High VDD VOH VOL VSS VSS VDD VTHL VTLH VIN VTLH VREF 1 R1 RF ------- + VOL R1 RF ------- – = VTHL VREF 1 R1 RF ------- + VOH R1 RF ------- – = Where: VTLH = trip voltage from low to high VTHL = trip voltage from high to low VIN VOUT VDD R2 RF R3 VREF VPU RPU* * Pull-up resistor required for the MCP65R46 only. VOUT High-to-Low Low-to-High VDD VOH VOL VSS VSS VDD VTLH VTHL VIN |