công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P87C54IBAA bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện P87C54IBAA
Giải thích chi tiết về linh kiện  CMOS single-chip 8-bit microcontrollers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C54IBAA bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button P87C54IBAA Datasheet HTML 9Page - NXP Semiconductors P87C54IBAA Datasheet HTML 10Page - NXP Semiconductors P87C54IBAA Datasheet HTML 11Page - NXP Semiconductors P87C54IBAA Datasheet HTML 12Page - NXP Semiconductors P87C54IBAA Datasheet HTML 13Page - NXP Semiconductors P87C54IBAA Datasheet HTML 14Page - NXP Semiconductors P87C54IBAA Datasheet HTML 15Page - NXP Semiconductors P87C54IBAA Datasheet HTML 16Page - NXP Semiconductors P87C54IBAA Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Philips Semiconductors
Preliminary specification
87C54/87C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
3-227
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5V ±10%, VSS = 0V1, 2, 3
24MHz CLOCK
VARIABLE CLOCK4
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
4
Oscillator frequency
Speed versions : I
3.5
24
MHz
tLHLL
4
ALE pulse width
43
2tCLCL–40
ns
tAVLL
4
Address valid to ALE low
17
tCLCL–25
ns
tLLAX
4
Address hold after ALE low
17
tCLCL–25
ns
tLLIV
4
ALE low to valid instruction in
102
4tCLCL–65
ns
tLLPL
4
ALE low to PSEN low
17
tCLCL–25
ns
tPLPH
4
PSEN pulse width
80
3tCLCL–45
ns
tPLIV
4
PSEN low to valid instruction in
65
3tCLCL–60
ns
tPXIX
4
Input instruction hold after PSEN
0
0
ns
tPXIZ
4
Input instruction float after PSEN
17
tCLCL–25
ns
tAVIV
4
Address to valid instruction in
128
5tCLCL–80
ns
tPLAZ
4
PSEN low to address float
10
10
ns
Data Memory
tRLRH
5, 6
RD pulse width
150
6tCLCL–100
ns
tWLWH
5, 6
WR pulse width
150
6tCLCL–100
ns
tRLDV
5, 6
RD low to valid data in
118
5tCLCL–90
ns
tRHDX
5, 6
Data hold after RD
0
0
ns
tRHDZ
5, 6
Data float after RD
55
2tCLCL–28
ns
tLLDV
5, 6
ALE low to valid data in
183
8tCLCL–150
ns
tAVDV
5, 6
Address to valid data in
210
9tCLCL–165
ns
tLLWL
5, 6
ALE low to RD or WR low
75
175
3tCLCL–50
3tCLCL+50
ns
tAVWL
5, 6
Address valid to WR low or RD low
92
4tCLCL–75
ns
tQVWX
5, 6
Data valid to WR transition
12
tCLCL–30
ns
tWHQX
5, 6
Data hold after WR
17
tCLCL–25
ns
tQVWH
6
Data valid to WR high
162
7tCLCL–130
ns
tRLAZ
5, 6
RD low to address float
0
0
ns
tWHLH
5, 6
RD or WR high to ALE high
17
67
tCLCL–25
tCLCL+25
ns
External Clock
tCHCX
8
High time
17
17
tCLCL–tCLCX
ns
tCLCX
8
Low time
17
17
tCLCL–tCHCX
ns
tCLCH
8
Rise time
5
5
ns
tCHCL
8
Fall time
5
5
ns
Shift Register
tXLXL
7
Serial port clock cycle time
505
12tCLCL
ns
tQVXH
7
Output data setup to clock rising edge
283
10tCLCL–133
ns
tXHQX
7
Output data hold after clock rising edge
3
2tCLCL–80
ns
tXHDX
7
Input data hold after clock rising edge
0
0
ns
tXHDV
7
Clock rising edge to input data valid
283
10tCLCL–133
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
3. Interfacing the 87C58 to devices with float times up to 45ns is permitted. This limited bus contention will not cause damage to Port 0 drivers.
4. Variable clock is specified for oscillator frequencies greater than 16MHz to 24MHz. For frequencies equal or less than 16MHz, see 16MHz
“AC Electrial Characteristics”, page 3-226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com