| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL972IP bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL972IP bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 13 page ![]() www.ti.com TL971, TL972, TL974 OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS SLOS467A – OCTOBER 2006 – REVISED OCTOBER 2006 ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING Reel of 2500 TL971IDR SOIC – D PREVIEW Tube of 75 TL971ID Single Reel of 3000 TL971IDBVR SOT-23 – DBV PREVIEW Reel of 250 TL971IDBVT PDIP – P Tube of 50 TL972IP PREVIEW QFN – DRG Reel of 1000 TL972IDRGR Reel of 2500 TL972IDR Dual SOIC – D PREVIEW –40 °C to 125°C Tube of 75 TL972ID Reel of 2000 TL972IPWR TSSOP – PW PREVIEW Tube of 150 TL972IPW PDIP – N Tube of 25 TL974IN TL974IN Reel of 2500 TL974IDR SOIC – D SR974I Quad Tube of 50 TL974ID Reel of 2000 TL974IPWR TSSOP – PW SR974I Tube of 90 TL974IPW (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. 2 Submit Documentation Feedback |