| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74ALVC374D bảng dữ liệu(PDF) 7 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74ALVC374D bảng dữ liệu(HTML) 7 Page - Nexperia B.V. All rights reserved |
|
7 / 15 page ![]() Nexperia 74ALVC374 Octal D-type flip-flop; positive-edge trigger; 3-state ten is the same as tPZH and tPZL. tdis is the same as tPHZ and tPLZ. [3] CPD is used to determine the dynamic power dissipation (PD in μW). PD = CPD × VCC 2 × fi × N + Σ(CL × VCC 2 × fo) where: fi = input frequency in MHz; fo = output frequency in MHz CL = output load capacitance in pF VCC = supply voltage in Volts N = number of inputs switching Σ(CL × VCC 2 × fo) = sum of the outputs 10.1. Waveforms and test circuit mna894 CP input Qn output tPHL tPLH tW 1/fmax VM VOH VI GND VOL VM Measurement points are given in Table 8. VOL and VOH are the typical output voltage levels that occur with the output load. Fig. 7. Clock (CP) to output (Qn) propagation delays, the clock pulse width and the maximum frequency mna644 tPLZ tPHZ outputs disabled outputs enabled VY VX outputs enabled output LOW-to-OFF OFF-to-LOW output HIGH-to-OFF OFF-to-HIGH OE input VI VOL VOH VCC VM GND GND tPZL tPZH VM VM Measurement points are given in Table 8. VOL and VOH are the typical output voltage drops that occur with the output load. Fig. 8. Enable and disable times 74ALVC374 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2021. All rights reserved Product data sheet Rev. 3 — 30 April 2021 7 / 15 |