| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD6P8 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6P8 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 101 page ![]() 11 µPD6P8, 6P8A, 6P8B Data Sheet U17848EJ5V0DS 1.3 Pin I/O Circuits The I/O circuits of the µPD6P8, 6P8A, 6P8B pins are shown in partially simplified forms below. (1) KI/O0 to KI/O7 (4) S0, S3Note 2 (5) S1/LED (2) KI0 to KI3 (3) REM (6) S2 P-ch N-chNote 1 N-ch VDD Output latch Input buffer Data Output disable N-ch Input buffer Pull-down flag Standby release P-ch N-ch VDD Output latch Carrier generator Data OFF mode Pull-down flag N-ch Input buffer Standby release P-ch N-ch N-ch VDD REM output latch Input buffer Output disable Pull-down flag Standby release N-ch Input buffer STOP release ON/OFF Standby release Notes 1. The drive capability is held low. 2. µPD6P8B only |