| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD6P5 bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6P5 bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp |
|
11 / 34 page ![]() 9 µPD6P5 Data Sheet U14760EJ1V0DS00 1.4 Dealing with Unused Pins The following connections are recommended for unused pins in the normal operation mode. Table 1-1. Connections for Unused Pins Pin Connection Inside the Microcontroller Outside the Microcontroller KI/O INPUT mode — Leave open OUTPUT mode High-level output REM — S1/LED OUTPUT mode (LED) setting S0 OFF mode setting Directly connect these pins S2 — to GND KI — Caution The I/O mode and the terminal output level are recommended to be fixed by setting them repeatedly in each loop of the program. 1.5 Notes on Using KI Pin at Reset In order to prevent malfunction, be sure to input a low level to more than one of pins KI0 to KI3 when POC is released due to supply voltage startup. |