| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD17P236M4 bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17P236M4 bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp |
|
7 / 34 page ![]() µPD17P236 5 Data Sheet U14776EJ1V0DS00 • 30-pin plastic SSOP (7.62 mm (300)) µPD17P236M1MC-5A4, 17P236M2MC-5A4, 17P236M3MC-5A4, 17P236M4MC-5A4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 D2 D3 VPP (Open) VDD (Open) CLK GND (L) (Open) (Open) (Open) D1 D0 D7 D6 D5 D4 MD3 MD2 MD1 MD0 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 (L) (L) Caution Contents in parentheses indicate how to handle unused pins in PROM programming mode. L : Connect to GND via a resistor (470 Ω) separately. Open : Leave unconnected. CLK : Clock input for PROM D0-D7 : Data input/output for PROM GND : Ground MD0-MD3 : Mode select input for PROM VDD : Power supply VPP : Power supply for PROM writing |