công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8802IPW bảng dữ liệu(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8802IPW
Giải thích chi tiết về linh kiện  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DAC8802IPW bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button DAC8802IPW Datasheet HTML 10Page - Texas Instruments DAC8802IPW Datasheet HTML 11Page - Texas Instruments DAC8802IPW Datasheet HTML 12Page - Texas Instruments DAC8802IPW Datasheet HTML 13Page - Texas Instruments DAC8802IPW Datasheet HTML 14Page - Texas Instruments DAC8802IPW Datasheet HTML 15Page - Texas Instruments DAC8802IPW Datasheet HTML 16Page - Texas Instruments DAC8802IPW Datasheet HTML 17Page - Texas Instruments DAC8802IPW Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
www.ti.com
APPLICATION INFORMATION
V
OUT
+
D
8192 *
1
V
REF
(2)
10 V
VREF
10 kΩ
10 kΩ
5 kΩ
VDD
VREFX
RFBX
IOUTX
OPA277
AGNDX
One Channel
DAC8802
VOUT
Digital interface connections omitted for clarity.
- 10 V <
OUT < +10V
V
OPA277
Cross-Reference
DAC8802
SBAS351A – AUGUST 2005 – REVISED DECEMBER 2005
The DAC8802, a 2-quadrant multiplying DAC, can be used to generate a unipolar output. The polarity of the
full-scale output IOUT is the inverse of the input reference voltage at VREF.
Some applications require full 4-quadrant multiplying capabilities or bipolar output swing, as shown in Figure 35.
An additional external op amp (A2) is added as a summing amp. In this circuit, the first and second amps (A1
and A2) provide a gain of 2X that widens the output span to 20 V. A 4-quadrant multiplying circuit is implemented
by using a 10-V offset of the reference voltage to bias A2. According to the following circuit transfer equation
(Equation 2), input data (D) from code 0 to full scale produces output voltages of VOUT = -10 V to VOUT = 10 V.
Figure 35. Four-Quadrant Multiplying Application Circuit
The DAC8802 has an industry-standard pinout. Table 4 provides the cross-reference information.
Table 4. Cross-Reference
SPECIFIED
INL
DNL
TEMPERATURE
PACKAGE
PACKAGE
CROSS-REFERENCE
PRODUCT
(LSB)
(LSB)
RANGE
DESCRIPTION
OPTION
PART NUMBER
16-Lead Thin Shrink
DAC8802IPW
±1
±1
-40°C to +85°C
TSSOP-16
AD5555CRU
Small-Outline Package
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com