công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPC7918AHF bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện UPC7918AHF
Giải thích chi tiết về linh kiện  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC7918AHF bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  UPC7918AHF Datasheet HTML 1Page - Renesas Technology Corp UPC7918AHF Datasheet HTML 2Page - Renesas Technology Corp UPC7918AHF Datasheet HTML 3Page - Renesas Technology Corp UPC7918AHF Datasheet HTML 4Page - Renesas Technology Corp UPC7918AHF Datasheet HTML 5Page - Renesas Technology Corp UPC7918AHF Datasheet HTML 6Page - Renesas Technology Corp UPC7918AHF Datasheet HTML 7Page - Renesas Technology Corp UPC7918AHF Datasheet HTML 8Page - Renesas Technology Corp UPC7918AHF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©
1994
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
DESCRIPTION
µPC7900A series are monolithic three terminal negative regulators which employ internally current limiting, thermal
shut down, output transistor safe operating area protection make them essentially indestructible.
They are intended as fixed voltage regulators in a wide range of application including local on card regulation for
elimination of distribution problems associated wide single point regulation.
FEATURES
•
Wide operation temperature range.
TA: –30 ˚C to +85 ˚C
•
Good load regulation.
7 mV TYP. (250 mA
≤ IO ≤ 750 mA):
µPC7905AHF
•
Low noise.
ORDERING INFORMATION
Part Number
Output Voltage
Package
µPC7905AHF
–5 V
MP-45G (ISOLATED TO-220)
µPC7908AHF
–8 V
MP-45G (ISOLATED TO-220)
µPC7912AHF
–12 V
MP-45G (ISOLATED TO-220)
µPC7915AHF
–15 V
MP-45G (ISOLATED TO-220)
µPC7918AHF
–18 V
MP-45G (ISOLATED TO-220)
µPC7924AHF
–24 V
MP-45G (ISOLATED TO-220)
Document No. G10640EJ3V0DS00 (3rd edition)
(Previous No. IC-3486)
Date Published March 1997 N
Printed in Japan
µPC7900A Series
The information in this document is subject to change without notice.
THREE TERMINAL NEGATIVE VOLTAGE REGULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com