công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVT162821 bảng dữ liệu(PDF) 11 Page - Nexperia B.V. All rights reserved

tên linh kiện 74ALVT162821
Giải thích chi tiết về linh kiện  20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT162821 bảng dữ liệu(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT162821 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 15Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Nexperia
74ALVT162821
20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
G
Test data is given in Table 9.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = Test voltage for switching times.
Fig. 9. Test circuit for measuring switching times
Table 9. Test data
Input
Load
VEXT
VI
fi
tW
tr, tf
CL
RL
tPHZ, tPZH tPLZ, tPZL
tPLH, tPHL
3.0 V or VCC
whichever is less
≤ 10 MHz 500 ns
≤ 2.5 ns
50 pF
500 Ω
GND
6 V or VCC x 2 open
74ALVT162821
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 5 — 19 October 2020
11 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com