| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPC2409AHF bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPC2409AHF bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp |
|
14 / 16 page ![]() 12 µPC2400A Series RECOMMENDED SOLDERING CONDITIONS The following conditions (see table below) must be met when soldering this product. Please consult with our sales offices in case other soldering process is used, or in case soldering is done under different conditions. TYPES OF THROUGH HOLE MOUNT DEVICE µPC2400AHF Series Soldering Process Soldering Conditions Symbol Wave soldering Solder temperature: 260 ˚C or below. Flow Time: 10 seconds or below. REFERENCE Document Name Document No. NEC semiconductor device reliability/quality control system. IEI-1212 Quality grade on NEC semiconductor devices. IEI-1209 Semiconductor device mounting technology manual. IEI-1207 Semiconductor device package manual. IEI-1213 Guide to quality assurance for semiconductor devices. MEI-1202 Semiconductor selection guide. MF-1134 |