công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPC2255H bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện UPC2255H
Giải thích chi tiết về linh kiện  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2255H bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button UPC2255H Datasheet HTML 2Page - Renesas Technology Corp UPC2255H Datasheet HTML 3Page - Renesas Technology Corp UPC2255H Datasheet HTML 4Page - Renesas Technology Corp UPC2255H Datasheet HTML 5Page - Renesas Technology Corp UPC2255H Datasheet HTML 6Page - Renesas Technology Corp UPC2255H Datasheet HTML 7Page - Renesas Technology Corp UPC2255H Datasheet HTML 8Page - Renesas Technology Corp UPC2255H Datasheet HTML 9Page - Renesas Technology Corp UPC2255H Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet G14451EJ2V0DS00
4
µµµµPC2250 SERIES
µPC2253
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Input Voltage
VIN
5.5
6
12
V
Output Current
IO
040
mA
Operating Junction Temperature
TJ
–20
+125
°C
Caution The recommended operating range may be exceeded without causing any problems provided
that the absolute maximum ratings are not exceeded. However, if the device is operated in a way
that exceeds the recommended operating conditions, the margin between the actual conditions
of use and the absolute maximum ratings is small, and therefore thorough evaluation is
necessary. The recommended operating conditions do not imply that the device can be used
with all values at their maximum values.
ELECTRICAL SPECIFICATIONS
(Unless otherwise specified, VIN = 6 V, IO = 40 mA, TJ = 25°C, CIN = 0.33
µF, CO = 10 µF.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VO1
4.8
5.0
5.2
V
Output Voltage
VO2
5.5 V
≤ VIN ≤ 12 V, 1 mA ≤ lo ≤ 40 mA,
0
°C ≤ TJ ≤ 125°C
4.75
5.25
V
Line Regulation
REGIN
5.5 V
≤ VIN ≤ 12 V
30
mV
1 mA
≤ lO ≤ 100 mA
80
mV
Load Regulation
REGL
1 mA
≤ lO ≤ 40 mA
30
mV
IO = 0 A
2.0
mA
Quiescent Current
IBIAS
IO = 100 mA
8.0
mA
Quiescent Current Change
∆IBIAS
6 V
≤ VIN ≤ 12 V
1.0
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
130
µVr.m.s.
Ripple Rejection
R
•R
f= 120 Hz, 6 V
≤ VIN ≤ 11 V
46
dB
Dropout Voltage
VDIF
IO = 40 mA, 0
°C ≤ TJ ≤ 125°C
0.15
0.30
V
Short Circuit Current
IOshort
VIN = 12 V
15
mA
Peak Output Current
IOpeak
VIN = 6 V
150
mA
Temperature Coefficient of Output Voltage
∆VO/∆T
IO = 5 mA, 0
°C ≤ TJ ≤ 125°C
0.3
mV/
°C
OFF Output Leakage Current
IOLK
VIN = 0 V, VO = 5.0 V
10
µA
Reset Start Output Voltage
VORT
0
°C ≤ TJ ≤ 125°C
2.70
2.85
3.00
V
Reset Output Saturated Voltage
VRT(sat)
IR = 1.6 mA
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com