| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPC1933GR bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPC1933GR bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp |
|
17 / 22 page ![]() Data Sheet G13690EJ3V0DS00 15 µµµµ PC1933 3.5 Maximum Duty Limit µ PC1933 is switched internally between Soft Start and Timer Latch. For this reason, the DTC voltage is fixed internally, and the maximum duty is limited to 85%. 3.6 Notes on Actual Pattern Wiring When actually carrying out the pattern wiring, it is necessary to separate control-related grounds and power-related grounds, and make sure that they do not share impedances as far as possible. In addition, make sure the high-frequency impedance is lowered using capacitors and other components to prevent noise input to the VREF pin. |