công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9183L-33CS bảng dữ liệu(PDF) 13 Page - Richtek Technology Corporation

tên linh kiện RT9183L-33CS
Giải thích chi tiết về linh kiện  Ultra Low Dropout 1.5A Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9183L-33CS bảng dữ liệu(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9183L-33CS Datasheet HTML 7Page - Richtek Technology Corporation RT9183L-33CS Datasheet HTML 8Page - Richtek Technology Corporation RT9183L-33CS Datasheet HTML 9Page - Richtek Technology Corporation RT9183L-33CS Datasheet HTML 10Page - Richtek Technology Corporation RT9183L-33CS Datasheet HTML 11Page - Richtek Technology Corporation RT9183L-33CS Datasheet HTML 12Page - Richtek Technology Corporation RT9183L-33CS Datasheet HTML 13Page - Richtek Technology Corporation RT9183L-33CS Datasheet HTML 14Page - Richtek Technology Corporation RT9183L-33CS Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT9183
13
DS9183-14 April 2008
www.richtek.com
Outline Dimension
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
1.450
1.803
0.057
0.071
A1
0.020
0.100
0.0008
0.0047
b
0.610
0.787
0.024
0.031
B
3.302
3.708
0.130
0.146
C
6.706
7.290
0.264
0.287
D
6.299
6.706
0.248
0.264
D1
2.896
3.150
0.114
0.124
e
2.261
2.362
0.089
0.093
H
0.229
0.330
0.009
0.013
L
1.550
1.950
0.061
0.077
L1
0.800
1.100
0.009
0.013
3-Lead SOT-223 Surface Mount Package
A
A1
b
H
B
D
D1
C
L
e
e
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15