công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S5935 bảng dữ liệu(PDF) 39 Page - Applied Micro Circuits Corporation

tên linh kiện S5935
Giải thích chi tiết về linh kiện  PCI 5V Bus Master/Target Device 32-bit
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5935 bảng dữ liệu(HTML) 39 Page - Applied Micro Circuits Corporation

Back Button S5935 Datasheet HTML 35Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 36Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 37Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 38Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 39Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 40Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 41Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 42Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 43Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 190 page
background image
3-31
PCI CONFIGURATION REGISTERS
S5935
LATENCY TIMER REGISTER (LAT)
Register Name:
Latency Timer
Address Offset:
0Dh
Power-up value:
00h
Boot-load:
External nvRAM offset
04Dh
Attribute:
Read/Write, bits 7:3;
Read Only bits 2:0
Size:
8 bits
The latency timer register has meaning only when
this controller is used as a bus master and pertains to
the number of PCI bus clocks that this master will be
guaranteed. The nonzero value for this register is
internally decremented after this device has been
granted the bus and has begun to assert FRAME#.
Prior to this latency timer count reaching zero, this
device can ignore the removal of the bus grant and
may continue the use of the bus for data transfers.
7
0
Latency Timer value (R/W)
# of clocks x 8
0
1
0
2
0
3
X
4
X
5
X
6
X
X
Bit
Value
Figure 8. Latency Timer Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com