công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPC812 bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện UPC812
Giải thích chi tiết về linh kiện  High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC812 bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  UPC812 Datasheet HTML 1Page - Renesas Technology Corp UPC812 Datasheet HTML 2Page - Renesas Technology Corp UPC812 Datasheet HTML 3Page - Renesas Technology Corp UPC812 Datasheet HTML 4Page - Renesas Technology Corp UPC812 Datasheet HTML 5Page - Renesas Technology Corp UPC812 Datasheet HTML 6Page - Renesas Technology Corp UPC812 Datasheet HTML 7Page - Renesas Technology Corp UPC812 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
µPC812, 4092
R03DS0147EJ0100 Rev.1.00
Page 2 of 7
2019.06.13
EQUIVALENT CIRCUIT
PIN CONFIGURATION (Top View)
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
PARAMETER
SYMBOL
μPC812G2
μPC4092G2
UNIT
Supply Voltage Note1
V + - V -
-0.3 ~ +36
V
Differential Input Voltage
VID
±30
V
Input Voltage Note2
VI
V - -0.3 ~ V + +0.3
V
Output Applied Voltage Note 3
VO
V - -0.3 ~ V + +0.3
V
Total Power Dissipation Note 4
PT
440
mW
Output Short Circuit DurationNote 5
Indefinite
s
Operating Ambient Temperature
TA
-40 ~ +85
-20 ~ +80
C
Storage Temperature
Tstg
-55 ~ +125
C
【
Note】
1. Note that reverse connections of the power supply may damage the ICs.
2. The input terminal must be apply within the input voltage range to avoid deteriorating or damaging the device
characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-Amp
input voltage must operates within the electrical characteristics range of input common-mode voltage.
3. The output terminal must be apply within the output voltage range to avoid deteriorating or damaging the
device characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-
Amp output voltage must operates within the electrical characteristics range of maximum output voltage.
4. This is the value at TA
≦ +25 C. De-rate value at -4.4 mW/C when TA > 25 C
5. Please use the total loss and the de-rating value from Note 4.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Power Supply Voltage
V ±
±5
±16
V
Load Current
IO
±10
mA
Load Capacitance
( When AV = +1)
CL
10000 Note 6
pF
【
Note】
6. This is the value when the feedback resistor (Rf) = 0 Ω. The higher the Rf value, the more likely it is to oscillate
due to the influence of the input capacitance. So connect a capacitor of about 100 pF in parallel with Rf
TRIMMED
HIGH SPEED
PNP
Q3
Q4
Q1
Q2
Q5
Q8
Q10
Q9
Q6
Q7
C1
D1
IN
II
V +
V -
OUT
µPC812G2, μPC4092G2
1
OUT1
6
V +
II1 2
IN1
V -
8
OUT2
7
4
3II2
IN2
1
-+
2
+ -
5



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com