| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPC574J bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPC574J bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp |
|
9 / 10 page ![]() µPC574 7 RECOMMENDED SOLDERING CONDITIONS When soldering this product, it is highly recommended to observe the conditions as shown below. If other soldering processes are used, or if the soldering is performed under different conditions, please make sure to consult with our sales offices. For more details, refer to our document “SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL” (C10535E). Through-hole device µPC574J: 2-pin plastic SIP (TO-92) Process Conditions Wave soldering Solder temperature: 260 °C or below, (only to leads) Flow time: 10 seconds or less. Partial heating method Pin temperature: 300 °C or below, Heat time: 3 seconds or less (per each lead.) Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure that the package body does not get jet soldered. |