công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5414 bảng dữ liệu(PDF) 2 Page - Silicon Mitus, Inc.

tên linh kiện SM5414
Giải thích chi tiết về linh kiện  1-Cell Li-Ion Switching Charger with Intelligent Power-Path, 2.5 A Charge Current with Dual-Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILICONMITUS [Silicon Mitus, Inc.]
Trang chủ  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.

SM5414 bảng dữ liệu(HTML) 2 Page - Silicon Mitus, Inc.

  SM5414 Datasheet HTML 1Page - Silicon Mitus, Inc. SM5414 Datasheet HTML 2Page - Silicon Mitus, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM5414
www.siliconmitus.com
© 2017 Silicon Mitus, Inc.
August 2018
Simplified Block Diagram
─────────────────────────────────────────────────────────────────────────────
Silicon Mitus cannot assume any responsibility for the consequence of use of information furnished nor for any infringement of patents or
other rights of third parties which may result from its use. No Circuit patent licenses are implied. Silicon Mitus reserves the right to change
the circuitry and specifications without notice at any time. This publication supersedes and replaces all information previously supplied. Silicon
Mitus products are not authorized for use as critical components in life support devices or systems without the express written approval of
Silicon Mitus.
© 2017 Silicon Mitus, Inc. - Printed in Korea - All Rights Reserved
DC up to 20V
(OVP:6.5V/14.5V)
Interrupt
SDA
SCL
Processor
GPIO
Processor
GPIO
1-Cell
Li-Ion
Battery
VBUS
LX
Current
Path
Control
150C
Tj
PGND
+
VF
/ID
-
BUCK PWM,
CC, CV,
Registers
& I2C
INTERFACE
CONTROL
BLOCK
AICL
OVP
UVLO
+
-
+
-
+
-
THERMAL SHUTDOWN
System I/O
GND
1µF
Application
System
IFAST_CHG
PWM
DRV
VBUS
VTH
Idischarge
+
-
VTrickle
VTH_TRK
Weak
Battery
2.2µF
PMID
BOOT
+
-
Vprechg
Vpre-chg
Input
Current
Detect
Linear
ITrickle
Iprechg
VBUS
D-
D+
GND
USB/DCP
Adapter
Q1
(50m
Ω)
Q2
(50m
Ω)
Q3
(70m
Ω)
NOBAT
+
-
SDA
SCL
nINT
FS I2C
Interface
VL
nCHGEN
VSYS
SM5414
disabled
enabled
1.5MHz
VL
All other enable
conditions=1
Charger
Enabled
I2C bit,
SUSPEND=0
& CHGEN=1
BATSNSN
VL
Internal
Regulator
PMID
+
-
Q4
(30m
Ω)
THR
Reduction
100C
Tj
+
-
THERMAL REGULATION
CHG disabled
CHG enabled
1µF
22nF
1µH
10µF
4.7µF
nSHDN
CHGOUT
BATREG
I2C
disable
I2C enabled
I2C disabled
connected on the PCB
VIO



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com