| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPC1470 bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPC1470 bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp |
|
3 / 8 page ![]() © 1981 DATA SHEET BIPOLAR ANALOG INTEGRATED CIRCUIT Document No. S10527EJ3V0DS00 (3rd edition) (Previous No. IC-1409) Date Published August 1995 P Printed in Japan µPC1470 DESCRIPTION The µPC1470 is a monolithic integrated circuit intended as speed regulators for DC motors of record players, tape and cassette recorders etc. The devices is packaged in a new developed 4-lead quase-TO-126 plastic case. FEATURES • Excellent versatility in use. • High Output current. • Low Quiescent current. • Low Reference voltage. • Excellent parameters stability versus temperature. • Excellent characteristic at low supply voltage. PACKAGE DIMENSIONS in millimeters MOTOR SPEED REGULATORS BLOCK DIAGRAM STARTING CIRCUIT CURRENT MILLOR COMPARATOR Vref VCC RT MOTOR 12 4 3 GND ORDERING INFORMATION PART NUMBER µPC1470H-X 8.5 MAX. 3.2±0.1 φ 2.7±0.2 2.0 1.25 MAX. 1.1 MIN. 0.65±0.10 1.7 MAX. 0.55±0.10 0.20 M 123 4 Connection Diagram 1. VCC 2. RT 3. GND 4. MOTOR 14 |