| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSNB311 bảng dữ liệu(PDF) 6 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
CSNB311 bảng dữ liệu(HTML) 6 Page - Honeywell Solid State Electronics Center |
|
6 / 9 page ![]() Solid State Sensors CSN Series Closed Loop Current Sensors Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada 65 CSNL, CSNM SERIES ORDER GUIDE Catalog Listings Peak Current Range Amps Supply Voltage VDC ± 5% Coil Characteristics Meas. Currents Nom. Meas. Resist (@ Inom) Turns Resistance CSNL181 ±600 ±12 to 18 2000 25 @70°C 150 mA for 300 A 0 to 70 CSNM191 ±1000 ±12 to 18 5000 50 @70°C 100 mA for 500 A 0 to 120 SPECIFICATIONS Catalog Listings CSNL181 CSNM191 Offset Current @ 25°C, mA max. ±0.30 ±0.20 Temperature Drift, 0 to 70°C, mA ±0.30 typ. ±0.20 typ. ±0.50 max. ±0.30 max. Linearity ±0.1% ±0.1% Supply Voltage ±12 to ±18V ±12 to ±18V Galvanic Isolation @ 50 Hz/1 min. 7.5 kV rms 7.5 kV rms Accuracy ±0.5% of IN (nominal Current) at 25°C Response Time 500 ns <1 s Bandwidth DC to 150 kHz Operating Temperature −40 to 85°C(−40 to 185°F) Storage Temperature −40 to 90°C(−40 to 194°F) Primary Circuit Connection Thru-hole Thru-hole Secondary Circuit Connection 3 pins 3 pins Current Drain 14 mA (no load current) + output current ‘‘In-Out’’ Sense Signal To obtain positive measuring current on O/P terminal, current must flow in direction of arrow Mounting Faston, 3 pins WIRING DIAGRAM PDFINFO p a g e - 0 6 5 |