công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EPCS4 bảng dữ liệu(PDF) 3 Page - Altera Corporation

tên linh kiện EPCS4
Giải thích chi tiết về linh kiện  Serial Configuration Devices
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 bảng dữ liệu(HTML) 3 Page - Altera Corporation

  EPCS4 Datasheet HTML 1Page - Altera Corporation EPCS4 Datasheet HTML 2Page - Altera Corporation EPCS4 Datasheet HTML 3Page - Altera Corporation EPCS4 Datasheet HTML 4Page - Altera Corporation EPCS4 Datasheet HTML 5Page - Altera Corporation EPCS4 Datasheet HTML 6Page - Altera Corporation EPCS4 Datasheet HTML 7Page - Altera Corporation EPCS4 Datasheet HTML 8Page - Altera Corporation EPCS4 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Altera Corporation
Core Version a.b.c variable
4–3
July 2004
Configuration Handbook, Volume 2
Serial Configuration Devices (EPCS1, EPCS4, EPCS16 & EPCS64) Data Sheet
Table 4–3 lists the serial configuration device used with each Cyclone II
FPGA and the configuration file size. Cyclone II devices can be used with
all serial configuration devices.
Table 4–4 lists the serial configuration device used with each Cyclone
FPGA and the configuration file size. Cyclone devices can only be used
with EPCS1, EPCS4, or EPCS16 devices.
With the new data-decompression feature in the Stratix II and Cyclone
FPGA families, designers can use smaller serial configuration devices to
configure larger FPGAs.
Table 4–3. Serial Configuration Device for Cyclone II Devices
Cyclone II Device
Raw Binary File
Size (Bits) (1)
Serial Configuration Device
EPCS1
EPCS4
EPCS16
EPCS64
EP2C5
1,223,980
v (2)
vv
v
EP2C8
1,983,792
vv
v
EP2C20
3,930,986
vv
v
EP2C35
7,071,234
vv
EP2C50
9,122,148
vv
EP2C70
10,249,694
vv
Notes to Table 4–3:
(1)
These are preliminary, uncompressed file sizes.
(2)
This is with the Cyclone II compression feature enabled.
Table 4–4. Serial Configuration Device Support for Cyclone Devices
Cyclone Device
Raw Binary File
Size (Bits) (1)
Serial Configuration Device
EPCS1
EPCS4
EPCS16
EP1C3
627,376
vvv
EP1C4
925,000
vvv
EP1C6
1,167,216
v (2)
vv
EP1C12
2,326,528
vv
EP1C20
3,559,608
vv
Notes to Table 4–4:
(1)
These are preliminary, uncompressed file sizes.
(2)
This is with the Cyclone compression feature enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32