công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16C505-20/P bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện PIC16C505-20/P
Giải thích chi tiết về linh kiện  14-Pin, 8-Bit CMOS Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C505-20/P bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button PIC16C505-20/P Datasheet HTML 5Page - Microchip Technology PIC16C505-20/P Datasheet HTML 6Page - Microchip Technology PIC16C505-20/P Datasheet HTML 7Page - Microchip Technology PIC16C505-20/P Datasheet HTML 8Page - Microchip Technology PIC16C505-20/P Datasheet HTML 9Page - Microchip Technology PIC16C505-20/P Datasheet HTML 10Page - Microchip Technology PIC16C505-20/P Datasheet HTML 11Page - Microchip Technology PIC16C505-20/P Datasheet HTML 12Page - Microchip Technology PIC16C505-20/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40192A-page 9
PIC16C505
TABLE 3-1:
PIC16C505 PINOUT DESCRIPTION
Name
DIP
Pin #
SOIC
Pin #
I/O/P
Type
Buffer
Type
Description
RB0
13
13
I/O
TTL/ST Bi-directional I/O port/ serial programming data. Can
be software programmed for internal weak pull-up and
wake-up from SLEEP on pin change. This buffer is a
Schmitt Trigger input when used in serial programming
mode.
RB1
12
12
I/O
TTL/ST Bi-directional I/O port/ serial programming clock. Can
be software programmed for internal weak pull-up and
wake-up from SLEEP on pin change. This buffer is a
Schmitt Trigger input when used in serial programming
mode.
RB2
11
11
I/O
TTL
Bi-directional I/O port.
RC0
10
10
I/O
TTL
Bi-directional I/O port.
RC1
9
9
I/O
TTL
Bi-directional I/O port.
RC2
8
8
I/O
TTL
Bi-directional I/O port.
RC3
7
7
I/O
TTL
Bi-directional I/O port.
RC4
6
6
I/O
TTL
Bi-directional I/O port.
RC5/T0CKI
5
5
I/O
ST
Bi-directional I/O port. Can be configured as T0CKI.
RB3/MCLR/VPP
4
4
I
TTL
Input port/master clear (reset) input/programming volt-
age input. When configured as MCLR, this pin is an
active low reset to the device. Voltage on MCLR/VPP
must not exceed VDD during normal device operation.
Can be software programmed for internal weak pull-up
and wake-up from SLEEP on pin change. Weak pull-
up only when configured as RB3.
RB4/OSC2/CLKOUT
3
3
I/O
TTL
Bi-directional I/O port/oscillator crystal output. Con-
nections to crystal or resonator in crystal oscillator
mode (XT and LP modes only, RB4 in other modes).
Can be software programmed for internal weak pull-up
and wake-up from SLEEP on pin change. In EXTRC
and INTRC modes, the pin output can be configured to
CLKOUT, which has 1/4 the frequency of OSC1 and
denotes the instruction cycle rate.
RB5/OSC1/CLKIN
2
2
I/O
TTL/ST Bidirectional IO port/oscillator crystal input/external
clock source input (RB5 in Internal RC mode only,
OSC1 in all other oscillator modes). TTL input when
RB5, ST input in external RC oscillator mode.
VDD
1
1
P
—
Positive supply for logic and I/O pins
VSS
14
14
P
—
Ground reference for logic and I/O pins
Legend: I = input, O = output, I/O = input/output, P = power, — = not used, TTL = TTL input,
ST = Schmitt Trigger input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com