công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPC79M18HF bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện UPC79M18HF
Giải thích chi tiết về linh kiện  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC79M18HF bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  UPC79M18HF Datasheet HTML 1Page - Renesas Technology Corp UPC79M18HF Datasheet HTML 2Page - Renesas Technology Corp UPC79M18HF Datasheet HTML 3Page - Renesas Technology Corp UPC79M18HF Datasheet HTML 4Page - Renesas Technology Corp UPC79M18HF Datasheet HTML 5Page - Renesas Technology Corp UPC79M18HF Datasheet HTML 6Page - Renesas Technology Corp UPC79M18HF Datasheet HTML 7Page - Renesas Technology Corp UPC79M18HF Datasheet HTML 8Page - Renesas Technology Corp UPC79M18HF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
1994
BIPOLAR ANALOG INTEGRATED CIRCUIT
μPC79Mxx Series
THREE TERMINAL NEGATIVE VOLTAGE REGULATOR
DATA SHEET
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Document No. G11629EJ7V0DS00 (7th edition)
Date Published January 2007 NS CP(N)
Printed in Japan
DESCRIPTION
The
μ PC79Mxx Series are three-terminal negative output voltage stabilization power supply circuit of fixed output
voltage. It regulates non-stabilized DC input voltage to output stabilized fixed voltage.
The six types of voltage value are
−5 V, −8 V, −12 V, −15 V, −18 V and −24 V, and they can be respectively used as
power supply circuit with maximum current capacity 500 mA.
FEATURES
• Output current : 500 mA
• On-chip some protection circuits
(over current protection, SOA protection and thermal shut down)
• Low noise
ORDERING INFORMATION
Part Number
Package
Output Voltage
Marking
Package Type
μ PC79M05HF
3-PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
−5 V
79M05
Packed in envelope
μ PC79M05HF-AZ
Note
3-PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
−5 V
79M05
Packed in envelope
μ PC79M08HF
3-PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
−8 V
79M08
Packed in envelope
μ PC79M08HF-AZ
Note
3-PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
−8 V
79M08
Packed in envelope
μ PC79M12HF
3-PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
−12 V
79M12
Packed in envelope
μ PC79M12HF-AZ
Note
3-PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
−12 V
79M12
Packed in envelope
μ PC79M15HF
3-PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
−15 V
79M15
Packed in envelope
μ PC79M15HF-AZ
Note
3-PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
−15 V
79M15
Packed in envelope
μ PC79M18HF
3-PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
−18 V
79M18
Packed in envelope
μ PC79M18HF-AZ
Note
3-PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
−18 V
79M18
Packed in envelope
μ PC79M24HF
3-PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
−24 V
79M24
Packed in envelope
μ PC79M24HF-AZ
Note
3-PIN PLASTIC SIP (MP-45G) (Isolated TO-220)
−24 V
79M24
Packed in envelope
Note Pb-free (This product does not contain Pb in external electrode).
Remark Output voltage
−5 V product is written in the text as
μ PC79M05.
It applies to other output voltage products as same.
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com