công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPC29M33AT bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện UPC29M33AT
Giải thích chi tiết về linh kiện  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC29M33AT bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  UPC29M33AT Datasheet HTML 1Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 2Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 3Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 4Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 5Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 6Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 7Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 8Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
2001, 2007
BIPOLAR ANALOG INTEGRATED CIRCUIT
μPC29M33A, 29M05A
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
DATA SHEET
Document No. G15368EJ4V0DS00 (4th edition)
Date Published August 2007 NS
Printed in Japan
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The
μ PC29M33A, 29M05A of low dropout voltage three terminal positive regulators is constructed with PNP output
transistor. The
μ PC29M33A, 29M05A feature the ability to source 0.5 A of output current with a low dropout voltage of
typically 0.5 V.
The power dissipation of the
μ PC29M33A, 29M05A can be drastically reduced compared with the conventional three
terminal positive voltage regulators that is constructed with NPN output transistor. Also, this series corresponds to the low
voltage output (3.3 V) which is not in the conventional low dropout regulators (
μ PC24MxxA series).
FEATURES
• Output current in excess of 0.5 A
• Low dropout voltage
VDIF = 0.5 V TYP. (IO = 0.5 A)
• On-chip over-current and thermal protection circuit
• On-chip output transistor safe operating area protection circuit
PIN CONFIGURATIONS (Marking Side)
Notes 1. No.2 pin and No.4 fin are common GND.
2. No.2 pin is cut. No.2 pin and No.4 fin are common GND.
μ PC29M33AHF,
μ PC29M05AHF: Isolated TO-220 (MP-45G)
μ PC29M33AHB,
μ PC29M05AHB: SC-64 (MP-3)
μ PC29M33AT,
μ PC29M05AT: SC-63 (MP-3Z)
3
2
1
1: INPUT
2: GND
3: OUTPUT
4
3
2
1
1: INPUT
2: GND
3: OUTPUT
4: GND (Fin)
Note1
4
3
2
1
1: INPUT
2: GND
3: OUTPUT
4: GND (Fin)
Note2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com