| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2011-000002 bảng dữ liệu(PDF) 11 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
2011-000002 bảng dữ liệu(HTML) 11 Page - Samsung semiconductor |
|
11 / 43 page ![]() SyncMaster 770TFT 4-1 4 Alignments and Adjustments This section of the service manual explains how to use the DDC JIG to adjust the black, red, green, and blue levels of the FPD when you replace the AD Board, and how to update the microprocessor when you change the Panel or Lamp(s). 4-1 Required Equipment The following equipment is necessary for adjusting the monitor: • Oscilloscope with probe tool • Computer with Windows 95 , Windows 98 , or Windows NT . • DV17AS.exe software • DDC Control JIG 4-2 Using the DDC Control JIG After replacing the LCD Panel, Lamp(s), and / or AD Board, use the DDC Control JIG to complete your service. Attach the DDC Control JIG to the flat panel display (FPD) as shown in the diagrams, below. MONITOR INTERFACE BOARD VER. 2.0 PC SIGNAL GENERATOR 3-WIRE CABLE SIGNAL CABLE 5V DC ADAPTOR PARALLEL CABLE Figure 4-1. Setup 1, With Signal Generator MONITOR INTERFACE BOARD VER. 2.0 PC 3-WIRE CABLE SIGNAL CABLE PARALLEL CABLE D-SUB CONNECTOR 5V DC ADAPTOR Figure 4-2. Setup 2, Without Signal Generator R R R |