| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DN8797MS bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
DN8797MS bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 11 page ![]() 2 DN8797MS SPC00008CJB Note) 1. Symbol BH-L stands for the operating magnetic flux density where its output level varies from high to low. 2. Symbol BL-H stands for the operating magnetic flux density where its output level varies from low to high. 3. The variation of operating magnetic flux density does not depend on supply voltage due to its built-in stabilized power source. (VCC should be confined to the range of 2.7 V to 14.4 V.) 4. A supply current changes by maximum 1 mA when its output level varies from high to low. ■ Pin Descriptions Pin No. Symbol Description 1 Out Output pin 2VCC Supply voltage pin 3 GND Ground pin ■ Recommended Operating Range Parameter Symbol Range Unit Supply voltage VCC 2.7 to 14.4 V ■ Absolute Maximum Ratings Parameter Symbol Rating Unit Supply voltage VCC 18 V VOUT 18 Supply current ICC mA Power dissipation PD 120 mW Operating ambient temperature Topr −20 to +85 °C Storage temperature Tstg −55 to +125 °C Note) 1. Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C. 2. The reverse insertion of this IC will cause its breakdown. 3. It will operate normally in several tens of ms after power on. 4. This IC is not suitable for car electrical equipment. ■ Electrical Characteristics at Ta = 25°C Parameter Symbol Conditions Min Typ Max Unit Operating magnetic flux density 1 BH-L VCC = 3 V −20 mT Operating magnetic flux density 2 BL-H VCC = 3 V −3mT Hysteresis width BW VCC = 3 V 0.2 1.5 4 mT Output voltage 1 VOL1 VCC = 14.4 V, IO = 5 mA, B = −22 mT 0.07 0.30 V Output voltage 2 VOL2 VCC = 2.7 V, IO = 5 mA, B = −22 mT 0.07 0.30 V Output voltage 3 VOH1 VCC = 14.4 V, IO = −20 µA, B = −3 mT 12.8 13.3 13.8 V Output voltage 4 VOH2 VCC = 2.7 V, IO = −20 µA, B = −3 mT 1.05 1.55 2.05 V Output short-circuited current −I OS VCC = 14.4 V, B = −3 mT, VO = 0 V 0.19 0.27 0.39 mA Supply current 1 ICC1 VCC = 14.4 V, B = −3 mT 1.0 3.4 6.0 mA Supply current 2 ICC2 VCC = 2.7 V, B = −3 mT 1.0 2.5 6.0 mA |