công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN54LV404A bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện SN54LV404A
Giải thích chi tiết về linh kiện  12-BIT ASYNCHRONOUS BIARY COUNTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN54LV404A bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN54LV404A Datasheet HTML 1Page - Texas Instruments SN54LV404A Datasheet HTML 2Page - Texas Instruments SN54LV404A Datasheet HTML 3Page - Texas Instruments SN54LV404A Datasheet HTML 4Page - Texas Instruments SN54LV404A Datasheet HTML 5Page - Texas Instruments SN54LV404A Datasheet HTML 6Page - Texas Instruments SN54LV404A Datasheet HTML 7Page - Texas Instruments SN54LV404A Datasheet HTML 8Page - Texas Instruments SN54LV404A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54LV4040A, SN74LV4040A
12BIT ASYNCHRONOUS BINARY COUNTERS
SCES226I − APRIL 1999 − REVISED MAY 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation on
All Ports
D High On-Off Output-Voltage Ratio
D Low Crosstalk Between Switches
D Individual Switch Controls
D Extremely Low Input Current
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
SN54LV4040A ...J OR W PACKAGE
SN74LV4040A . . . D, DB, DGV, N, NS,
OR PW PACKAGE
(TOP VIEW)
SN54LV4040A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
QL
QF
QE
QG
QD
QC
QB
GND
VCC
QK
QJ
QH
QI
CLR
CLK
QA
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
QJ
QH
NC
QI
CLR
QE
QG
NC
QD
QC
SN74LV4040A . . . RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
QK
QJ
QH
QI
CLR
CLK
QF
QE
QG
QD
QC
QB
description/ordering information
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74LV4040AN
SN74LV4040AN
QFN − RGY
Reel of 1000
SN74LV4040ARGYR
LW040A
SOIC − D
Tube of 40
SN74LV4040AD
LV4040A
SOIC − D
Reel of 2500
SN74LV4040ADR
LV4040A
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74LV4040ANSR
74LV4040A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV4040ADBR
LW040A
Tube of 90
SN74LV4040APW
TSSOP − PW
Reel of 2000
SN74LV4040APWR
LW040A
TSSOP − PW
Reel of 250
SN74LV4040APWT
LW040A
TVSOP − DGV
Reel of 2000
SN74LV4040ADGVR
LW040A
CDIP − J
Tube of 25
SNJ54LV4040AJ
SNJ54LV4040AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV4040AW
SNJ54LV4040AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV4040AFK
SNJ54LV4040AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Số phần tương tự - SN54LV404A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54LV4040A TI-SN54LV4040A Datasheet
526Kb / 17P
12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54LV4040A TI-SN54LV4040A Datasheet
795Kb / 19P
12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54LV4040AFK TI-SN54LV4040AFK Datasheet
526Kb / 17P
12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54LV4040AJ TI-SN54LV4040AJ Datasheet
526Kb / 17P
12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54LV4040AW TI-SN54LV4040AW Datasheet
526Kb / 17P
12-BIT ASYNCHRONOUS BINARY COUNTERS
More results

Mô tả tương tự - SN54LV404A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54HC4020 TI-SN54HC4020 Datasheet
540Kb / 16P
14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4024 TI-SN54HC4024 Datasheet
102Kb / 5P
ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54LV4040A TI-SN54LV4040A Datasheet
526Kb / 17P
12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54LV4040A TI-SN54LV4040A_07 Datasheet
795Kb / 19P
12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4040 TI-SN54HC4040 Datasheet
601Kb / 17P
12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4040 TI-SN54HC4040_07 Datasheet
752Kb / 19P
12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_07 Datasheet
682Kb / 18P
14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
14-BIT ASYNCHRONOUS BINARY COUNTERS
SN74LV4040A-EP TI1-SN74LV4040A-EP Datasheet
538Kb / 12P
12 BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4024 TI1-SN54HC4024_13 Datasheet
318Kb / 10P
ASYNCHRONOUS 7-BIT BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com