| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C30659-1550-R08B bảng dữ liệu(PDF) 9 Page - PerkinElmer Optoelectronics |
|
|
|||||||||||||||||||||||||||||
C30659-1550-R08B bảng dữ liệu(HTML) 9 Page - PerkinElmer Optoelectronics |
|
9 / 9 page ![]() www .optoelectr onics.perkinelmer.com C30659-900-1060-1550nm Series C30659-900-1060-1550nm Series Page 9 Figure 6. Optical Geometry Model Detector S1 (mm) S2 (mm) d1 (mm) α (deg) C30659-900-R8A C30817E 0.80 11 1.4 70 C30659-900-R5B C30902E 0.50 11 1.4 70 C30659-1060-3A C30956E 3.00 11 1.3 65 C30659-1060-R8B C30954E 0.80 11 1.3 70 C30659-1550-R2A C30662E 0.20 11 1.5 70 C30659-1550-R08B C30645E 0.08 11 1.5 70 Table 5. Ordering Guide Model Description C30659-900-R8A 50 MHz, 900nm, 0.8mm Active Region Diameter C30659-900-R5B 200 MHz, 900nm, 0.5mm Active Region Diameter C30659-1060-3A 50 MHz, 1060nm, 3mm Active Region Diameter C30659-1060-R8B 200 MHz, 1060nm, 0.8mm Active Region Diameter C30659-1550-R2A 50 MHz, 1550nm, 0.2mm Active Region Diameter C30659-1550-R08B 200 MHz, 1550nm, 0.08mm Active Region Diameter ©2004 PerkinElmer Inc. All rights reserved. Or Ordering Information dering Information While the information in this data sheet is intended to describe the form, fit and function for this product, PerkinElmer reserves the right to make changes without notice. For more information e-mail us at opto@perkinelmer.com or visit our web site at www.optoelectronics.perkinelmer.com. All values are nominal; specifications subject to change without notice. PerkinElmer Canada Inc. 16800 Trans Canada Highway Kirkland, Québec, H9H 5G7 Canada Phone: (514) 683-2200 Fax: (514) 693-2210 PerkinElmer GmbH & Co. KG Wenzel-Jaksch-Str.31 65199 Wiesbaden Phone: +49 611 492 247 Fax: +49 611 492 170 PerkinElmer Singapore Pte Ltd. 47 Ayer Rajah Crescent #06-12 Singapore 139947 Phone: +65 6775 2022 Fax: +65 6775 1008 Optoelectronics Headquarters PerkinElmer Optoelectronics 44370 Christy Street Fremont, CA 94538-3180 Phone: (510) 979-6500 (800) 775-6786 Fax: (510) 687-1140 117142_C30659.qxd 6/21/04 2:33 PM Page 9 |