| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GWIXC1100BCT bảng dữ liệu(PDF) 62 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
GWIXC1100BCT bảng dữ liệu(HTML) 62 Page - Intel Corporation |
|
62 / 134 page ![]() Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor March 2005 Datasheet 62 Document Number: 252479, Revision: 005 J1 PCI_CLKIN K1 PCI_CBE_N[2] L1 PCI_DEVSEL_N M1 PCI_CBE_N[1] J2 VCCP K2 VSS L2 VCCP M2 PCI_PAR J3 VSS K3 PCI_AD[17] L3 PCI_STOP_N M3 VSS J4 PCI_AD[22] K4 VCCP L4 VCC M4 PCI_IRDY_N J5 VSS K5 PCI_AD[19] L5 PCI_FRAME_N M5 VCCP J6 PCI_AD[29] K6 VCC L11 VSS M11 VSS L12 VSS M12 VSS L13 VSS M13 VSS L14 VSS M14 VSS L15 VSS M15 VSS L16 VSS M16 VSS J21 EX_ADDR[8] K21 VCC J22 EX_ADDR[16] K22 VSS L22 VCCP M22 EX_CS_N[5] J23 VCC K23 EX_CS_N[0] L23 VCC M23 EX_CLK J24 EX_ADDR[23] K24 EX_CS_N[3] L24 EX_CS_N[6] M24 EX_DATA[2] J25 EX_CS_N[2] K25 VCCP L25 EX_DATA[0] M25 VSS J26 EX_CS_N[4] K26 EX_CS_N[7] L26 EX_DATA[1] M26 EX_DATA[3] Table 22. Ball Map Assignment for the Intel® IXP422 Network Processor (Sheet 3 of 7) Ball Signal Ball Signal Ball Signal Ball Signal Note: Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and requirements, see Section 3.0, “Functional Signal Descriptions” on page 33. |